|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
5362X Series Features Package 5 Round shape type, BG,PG PY,AY AA VR,BR,PR Product features : Pale Green Clear epoxy : Pale Yellow Clear epoxy : Pale Orange Clear epoxy : Pale Red Clear epoxy Single Color 5 Flush Mount Round Shape Type Outer Dimension 5 Round shape type Operation temperature range. Storage Temperature :-30100 Operating Temperature :-3085 No lead package and lead-free soldering compatible RoHS compliant Green Yellow Green Yellow Orange Red : : : : : : : 558nm (BG) 567nm (PG) 572nm (PY) 590nm (AY) 606nm (AA) 624nm (VR) 647nm (BR) Dominant wavelength : 630nm (PR) Half Intensity Angle BG,PY : 100 deg. PG,AY,VR AA,PR : 101 deg. BR : 110 deg. BG,PG,PY,PR : GaP AY,AA,VR : GaAsP BR : GaAlAs Sorted by luminous intensity per rank taping TTW (Through The Wave) soldering and manual soldering More than 2kV(HBM) Bulk : 200pcs(MIN.) Die materials Rank grouping parameter Soldering methods ESD Packing Recommended Applications Amusement Equipment, Electric Household Appliances, OA/FA, Other General Applications 2005.3.31 Page 1 5362X Series Single Color 5 Flush Mount Round Shape Type Color and Luminous Intensity Emitted Color Lens Color Dominant Wavelength d (nm) TYP. IF MIN. (Ta=25) Luminous Intensity Iv (mcd) TYP. IF Part No. Material BG5362X PG5362X PY5362X AY5362X AA5362X VR5362X BR5362X PR5362X GaP Green GaP GaP GaAsP GaAsP GaAsP GaAlAs GaP Red Yellow Green Yellow Orange Pale Green 558 567 572 590 Clear 606 624 20 20 20 20 20 20 20 10 0.6 2.0 0.3 2.0 2.0 2.0 2.0 0.4 1.2 4.0 6.0 4.0 4.0 4.0 4.0 0.6 20 20 20 20 20 20 20 10 Pale Yellow Pale Orange pale Red 647 630 2004.10.29 Page 2 5362X Series Single Color 5 Flush Mount Round Shape Type Absolute Maximum Ratings Absolute Ma x imum Ra ting s BG 125 50 100 0.67 4 PG 125 50 100 0.67 4 PY 125 50 100 0.67 4 AY 125 50 100 0.67 4 AA 125 50 100 0.67 4 VR 75 30 100 0.33 4 BR 100 50 300 0.67 4 (Ta=25) Ite m P ow e r Dissipa tion F orwa rd Curre nt P ulse F orw a rd Curre nt 1 De ra ting (T a =25 or hig he r) Re ve rse Volta g e Ope ra ting T e mpe ra ture S tora g e T e mpe ra ture S ymbol Pd IF IF R M IF VR T opr T s tg PR 75 30 100 0.33 4 Unit mW mA mA mA/ V -30 +85 -30 +100 1 IFRM Measurement condition : Pulse Width1ms., Duty1/20. 2004.10.29 Page 3 5362X Series Single Color 5 Flush Mount Round Shape Type Electro-Optical Characteristics(BG,PG,PY,AY,AA,VR,BR) Characteristics BG TYP. Forward Voltage IF=20mA VF MAX. Reverse Current Peak Wavelength Dominant Wavelength Spectral Line Half Width Half Intensity Angle VR =4V IF=20mA IF=20mA IF=20mA IF=20mA IR p d 21/2 MAX. TYP. TYP. TYP. TYP. 2.5 100 555 558 30 100 2.5 100 560 567 30 104 2.5 100 570 572 30 100 2.5 100 580 590 30 104 2.5 100 605 606 30 101 2.5 100 630 624 30 104 2.1 PG 2.1 PY 2.1 AY 2.2 AA 2.2 VR 2.0 (Ta=25) Item Conditions Symbol Unit BR 1.7 V 2.0 100 660 647 30 120 A nm nm nm deg. Electro-Optical Characteristics(PR) Item Symbol (Ta=25) Characteristics PR TYP. 2.1 Conditions Unit Forward Voltage IF=10mA VF MAX. 2.8 100 700 630 100 101 V Reverse Current VR =4V IR p MAX. TYP. TYP. TYP. TYP. A nm nm nm deg. Peak Wavelength IF=10mA Dominant IF=10mA d Wavelength Spectral Line Half IF=10mA Width Half Intensity IF=10mA 21/2 Angle 2004.10.29 Page 4 5362X Series Single Color 5 Flush Mount Round Shape Type Luminous Intensity Rank IVmcd Rank A B C D E BG PG PY AY AA VR BR (Ta=25) PR IF=20mA 0.60 0.84 1.20 1.68 2.40 1.20 1.68 2.40 3.36 - IF=20mA 2.0 2.8 4.0 5.6 8.0 4.0 5.6 8.0 11.2 - IF=20mA 3.0 4.2 6.0 8.4 12.0 6.0 8.4 12.0 16.8 - IF=20mA 2.0 2.8 4.0 5.6 8.0 4.0 5.6 8.0 11.2 - IF=20mA 2.0 2.8 4.0 5.6 8.0 4.0 5.6 8.0 11.2 - IF=20mA 2.0 2.8 4.0 5.6 8.0 4.0 5.6 8.0 11.2 - IF=20mA 2.0 2.8 4.0 5.6 8.0 4.0 5.6 8.0 11.2 - IF=10mA 0.40 0.56 0.80 1.12 1.60 0.80 1.12 1.60 2.24 - MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. Please contact our sales staff concerning rank designation. 2004.10.29 Page 5 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(BG) Spectral Distribution Relative Intensity vs. Wavelength Condition : Ta = 25, IF = 20mA Spatial Distribution Example Condition : Ta = 25 Relative Intensity Wavelength [nm] Forward Voltage vs. Forward Current Condition : Ta = 25 Forward Current vs. Relative Intensity Condition : Ta = 25 Forward Current IF(mA) Forward Voltage VF(V) Relative Intensity Forward Current IF(mA) 2004.10.29 Page 6 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(BG) Derating Ambient Temperature vs. Maximum Forward Current Repetition Frequency : f 50Hz Ambient Temperature vs. Relative Intensity Condition : IF=20mA Maximum Forward Current : IF MAX. (mA) Ambient Temperature : Ta() Relative Intensity Ambient Temperature : Ta() Ambient Temperature vs. Forward Voltage Power Dissipation vs. Ambient Temperature Ambient Temperature : Ta() Power Dissipation : Pd (mW) Forward Voltage VF(V) Ambient Temperature : Ta() 2004.10.29 Page 7 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(BG) Dynamic Drive Rating Duty cycle vs. Maximum Forward Current Condition : Ta = 25 Maximum Forward Current : IF MAX. (mA) Pulse Width vs. Maximum Tolerable Peak Current Condition : Ta = 25 Duty (%) IF peak Max./IF DC MAX. Pulse Width : tw (s) 2004.10.29 Page 8 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(PG) Spectral Distribution Relative Intensity vs. Wavelength Condition : Ta = 25, IF = 20mA Spatial Distribution Example Condition : Ta = 25 Relative Intensity Wavelength [nm] Forward Voltage vs. Forward Current Condition : Ta = 25 Forward Current vs. Relative Intensity Condition : Ta = 25 Forward Current IF(mA) Forward Voltage VF(V) Relative Intensity Forward Current IF(mA) 2004.10.29 Page 9 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(PG) Derating Ambient Temperature vs. Maximum Forward Current Repetition Frequency : f 50Hz Ambient Temperature vs. Relative Intensity Condition : IF=20mA Maximum Forward Current : IF MAX. (mA) Ambient Temperature : Ta() Relative Intensity Ambient Temperature : Ta() Ambient Temperature vs. Forward Voltage Power Dissipation vs. Ambient Temperature Ambient Temperature : Ta() Power Dissipation : Pd (mW) Forward Voltage VF(V) Ambient Temperature : Ta() 2004.10.29 Page 10 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(PG) Dynamic Drive Rating Duty cycle vs. Maximum Forward Current Condition : Ta = 25 Maximum Forward Current : IF MAX. (mA) Pulse Width vs. Maximum Tolerable Peak Current Condition : Ta = 25 Duty (%) IF peak Max./IF DC MAX. Pulse Width : tw (s) 2004.10.29 Page 11 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(PY) Spectral Distribution Relative Intensity vs. Wavelength Condition : Ta = 25, IF = 20mA Spatial Distribution Example Condition : Ta = 25 Relative Intensity Wavelength [nm] Forward Voltage vs. Forward Current Condition : Ta = 25 Forward Current vs. Relative Intensity Condition : Ta = 25 Forward Current IF(mA) Forward Voltage VF(V) Relative Intensity Forward Current IF(mA) 2004.10.29 Page 12 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(PY) Derating Ambient Temperature vs. Maximum Forward Current Repetition Frequency : f 50Hz Ambient Temperature vs. Relative Intensity Condition : IF=20mA Maximum Forward Current : IF MAX. (mA) Ambient Temperature : Ta() Relative Intensity Ambient Temperature : Ta() Ambient Temperature vs. Forward Voltage Power Dissipation vs. Ambient Temperature Ambient Temperature : Ta() Power Dissipation : Pd (mW) Forward Voltage VF(V) Ambient Temperature : Ta() 2004.10.29 Page 13 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(PY) Dynamic Drive Rating Duty cycle vs. Maximum Forward Current Condition : Ta = 25 Maximum Forward Current : IF MAX. (mA) Pulse Width vs. Maximum Tolerable Peak Current Condition : Ta = 25 Duty (%) IF peak Max./IF DC MAX. Pulse Width : tw (s) 2004.10.29 Page 14 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(AY) Spectral Distribution Relative Intensity vs. Wavelength Condition : Ta = 25, IF = 20mA Spatial Distribution Example Condition : Ta = 25 Relative Intensity Wavelength [nm] Forward Voltage vs. Forward Current Condition : Ta = 25 Forward Current vs. Relative Intensity Condition : Ta = 25 Forward Current IF(mA) Forward Voltage VF(V) Relative Intensity Forward Current IF(mA) 2004.10.29 Page 15 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(AY) Derating Ambient Temperature vs. Maximum Forward Current Repetition Frequency : f 50Hz Ambient Temperature vs. Relative Intensity Condition : IF=20mA Maximum Forward Current : IF MAX. (mA) Ambient Temperature : Ta() Relative Intensity Ambient Temperature : Ta() Ambient Temperature vs. Forward Voltage Power Dissipation vs. Ambient Temperature Ambient Temperature : Ta() Power Dissipation : Pd (mW) Forward Voltage VF(V) Ambient Temperature : Ta() 2004.10.29 Page 16 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(AY) Dynamic Drive Rating Duty cycle vs. Maximum Forward Current Condition : Ta = 25 Maximum Forward Current : IF MAX. (mA) Pulse Width vs. Maximum Tolerable Peak Current Condition : Ta = 25 Duty (%) IF peak Max./IF DC MAX. Pulse Width : tw (s) 2004.10.29 Page 17 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(AA) Spectral Distribution Relative Intensity vs. Wavelength Condition : Ta = 25, IF = 20mA Spatial Distribution Example Condition : Ta = 25 Relative Intensity Wavelength [nm] Forward Voltage vs. Forward Current Condition : Ta = 25 Forward Current vs. Relative Intensity Condition : Ta = 25 Forward Current IF(mA) Forward Voltage VF(V) Relative Intensity Forward Current IF(mA) 2004.10.29 Page 18 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(AA) Derating Ambient Temperature vs. Maximum Forward Current Repetition Frequency : f 50Hz Ambient Temperature vs. Relative Intensity Condition : IF=20mA Maximum Forward Current : IF MAX. (mA) Ambient Temperature : Ta() Relative Intensity Ambient Temperature : Ta() Ambient Temperature vs. Forward Voltage Power Dissipation vs. Ambient Temperature Ambient Temperature : Ta() Power Dissipation : Pd (mW) Forward Voltage VF(V) Ambient Temperature : Ta() 2004.10.29 Page 19 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(AA) Dynamic Drive Rating Duty cycle vs. Maximum Forward Current Condition : Ta = 25 Maximum Forward Current : IF MAX. (mA) Pulse Width vs. Maximum Tolerable Peak Current Condition : Ta = 25 Duty (%) IF peak Max./IF DC MAX. Pulse Width : tw (s) 2004.10.29 Page 20 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(VR) Spectral Distribution Relative Intensity vs. Wavelength Condition : Ta = 25, IF = 20mA Spatial Distribution Example Condition : Ta = 25 Relative Intensity Wavelength [nm] Forward Voltage vs. Forward Current Condition : Ta = 25 Forward Current vs. Relative Intensity Condition : Ta = 25 Forward Current IF(mA) Forward Voltage VF(V) Relative Intensity Forward Current IF(mA) 2004.10.29 Page 21 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(VR) Derating Ambient Temperature vs. Maximum Forward Current Repetition Frequency : f 50Hz Ambient Temperature vs. Relative Intensity Condition : IF=20mA Maximum Forward Current : IF MAX. (mA) Ambient Temperature : Ta() Relative Intensity Ambient Temperature : Ta() Ambient Temperature vs. Forward Voltage Power Dissipation vs. Ambient Temperature Ambient Temperature : Ta() Power Dissipation : Pd (mW) Forward Voltage VF(V) Ambient Temperature : Ta() 2004.10.29 Page 22 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(VR) Dynamic Drive Rating Duty cycle vs. Maximum Forward Current Condition : Ta = 25 Maximum Forward Current : IF MAX. (mA) Pulse Width vs. Maximum Tolerable Peak Current Condition : Ta = 25 Duty (%) IF peak Max./IF DC MAX. Pulse Width : tw (s) 2004.10.29 Page 23 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(BR) Spectral Distribution Relative Intensity vs. Wavelength Condition : Ta = 25, IF = 20mA Spatial Distribution Example Condition : Ta = 25 Relative Intensity Wavelength [nm] Forward Voltage vs. Forward Current Condition : Ta = 25 Forward Current vs. Relative Intensity Condition : Ta = 25 Forward Current IF(mA) Forward Voltage VF(V) Relative Intensity Forward Current IF(mA) 2004.10.29 Page 24 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(BR) Derating Ambient Temperature vs. Maximum Forward Current Repetition Frequency : f 50Hz Ambient Temperature vs. Relative Intensity Condition : IF=20mA Maximum Forward Current : IF MAX. (mA) Ambient Temperature : Ta() Relative Intensity Ambient Temperature : Ta() Ambient Temperature vs. Forward Voltage Power Dissipation vs. Ambient Temperature Ambient Temperature : Ta() Power Dissipation : Pd (mW) Forward Voltage VF(V) Ambient Temperature : Ta() 2004.10.29 Page 25 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(BR) Dynamic Drive Rating Duty cycle vs. Maximum Forward Current Condition : Ta = 25 Maximum Forward Current : IF MAX. (mA) Pulse Width vs. Maximum Tolerable Peak Current Condition : Ta = 25 Duty (%) IF peak Max./IF DC MAX. Pulse Width : tw (s) 2004.10.29 Page 26 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(PR) Spectral Distribution Relative Intensity vs. Wavelength Condition : Ta = 25, IF = 10mA Spatial Distribution Example Condition : Ta = 25 Relative Intensity Wavelength [nm] Forward Voltage vs. Forward Current Condition : Ta = 25 Forward Current vs. Relative Intensity Condition : Ta = 25 Forward Current IF(mA) Forward Voltage VF(V) Relative Intensity Forward Current IF(mA) 2004.10.29 Page 27 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(PR) Derating Ambient Temperature vs. Maximum Forward Current Repetition Frequency : f 50Hz Ambient Temperature vs. Relative Intensity Condition : IF=10mA Maximum Forward Current : IF MAX. (mA) Ambient Temperature : Ta() Relative Intensity Ambient Temperature : Ta() Ambient Temperature vs. Forward Voltage Power Dissipation vs. Ambient Temperature Ambient Temperature : Ta() Power Dissipation : Pd (mW) Forward Voltage VF(V) Ambient Temperature : Ta() 2004.10.29 Page 28 5362X Series Single Color 5 Flush Mount Round Shape Type Technical Data(PR) Dynamic Drive Rating Duty cycle vs. Maximum Forward Current Condition : Ta = 25 Maximum Forward Current : IF MAX. (mA) Pulse Width vs. Maximum Tolerable Peak Current Condition : Ta = 25 Duty (%) IF peak Max./IF DC MAX. Pulse Width : tw (s) 2004.10.29 Page 29 5362X Series Single Color 5 Flush Mount Round Shape Type Package Dimensions (Unit: mm) 2004.10.29 Page 30 5362X Series Single Color 5 Flush Mount Round Shape Type TTW (Through The Wave) soldering Conditions Pre-heating Solder Bath Temp. Dipping Time 100 60 s 265 5s (MAX.) (MAX.) (MAX.) (MAX.) 1) The dip soldering process shall be 2 times maximum. 2) The product shall be cooled to normal temperature before the second dipping process. Manual Soldering Conditions Iron tip temp. Soldering time and frequency 400 (MAX.) 3s (MAX.) 2 times (MAX.) 2004.10.29 Page 31 5362X Series Single Color 5 Flush Mount Round Shape Type Reliability Testing Result Reliability Testing Result Room Temp. Operating Life Resistance to Soldering Heat Temperature Cycling Wet High Temp. Storage Life High Temp. Storage Life Low Temp. Storage Life Lead Tension Vibration, Variable Frequency Applicable Standard EIAJ ED4701/100(101) EIAJ ED4701/300(302) EIAJ ED4701/100(105) EIAJ ED4701/100(103) EIAJ ED4701/200(201) EIAJ ED4701/200(202) EIAJ ED4701/400(401) EIAJ ED4701/400(403) Testing Conditions Ta = 25, IF = Maxium Rated Current 2605, 3mm from package base Minimum Rated Storage Temperature(30min) Normal Temperature(15min) Maximum Rated Storage Temperature(30min) Normal Temperature(15min) Ta = 602, RH = 905% Ta = Maximum Rated Storage Temperature Ta = Minimum Rated Storage Temperature 10N,1time ( 0.4 and Flat Package : 5N) 98.1m/s (10G), 100 2KHz sweep for 20min., XYZ each direction 2 Duration 1,000 h 10sec Failure 0/25 0/25 5 cycles 0/25 1,000 h 1,000 h 1,000 h 10sec 2h 0/25 0/25 0/25 0/10 0/10 Failure Criteria Items Luminous Intensity Forward Voltage Reverse Current Cosmetic Appearance Symbols Iv VF IR - Conditions IF Value of each product Luminous Intensity IF Value of each product Forward Voltage VR = Maximum Rated Reverse Voltage V - Failure criteria Testing Min. Value Spec. Min. Value x 0.5 Testing Max. Value Spec. Max. Value x 1.2 Testing Max. Value Spec. Max. Value x 2.5 No notable, decoloration, deformation and cracking 2004.10.29 Page 32 5362X Series Single Color 5 Flush Mount Round Shape Type Special Notice to Customers Using the Products and Technical Information Shown in This Data Sheet 1) The technical information shown in the data sheets are limited to the typical characteristics and circuit examples of the referenced products. It does not constitute the warranting of industrial property nor the granting of any license. 2) For the purpose of product improvement, the specifications, characteristics and technical data described in the data sheets are subject to change without prior notice. Therefore it is recommended that the most updated specifications be used in your design. 3) When using the products described in the data sheets, please adhere to the maximum ratings for operating voltage, heat dissipation characteristics, and other precautions for use. We are not responsible for any damage which may occur if these specifications are exceeded. 4) The products described in the data sheets are made to be used in standard electronic applications such as office automation appliances, communication devices, audio visual, home appliances, and measuring instruments. 5) If the products in the data sheets are to be used for purposes other than the above which requires high level reliability and safety where failure and or malfunction of the product may cause death or other serious effects on the human body such as airplane, space activity, transportation, medical, nuclear), please contact our sales personnel. 6) In order to export the products or technologies described in this data sheet which are under the "Foreign Exchange and Foreign Trade Control Law," it is necessary to first obtain an export permit from the Japanese government. 7) No part of this data sheet may be reprinted or reproduced without prior written permission from Stanley Electric Co., Ltd. 8) The most updated edition of this data sheet can be obtained from the address below: http://www.stanley-components.com 2004.10.29 Page 33 |
Price & Availability of AY5362X |